Part Number Hot Search : 
SD114 S1503 MAX1287 A1009 MCP4011 10024 P1701U DTA115TL
Product Description
Full Text Search
 

To Download KBPC1010 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 KBPC10005 THRU KBPC1010
SINGLE PHASE SILICON BRIDGE RECTIFIER
VOLTAGE:50 TO 1000V CURRENT:10.0A
FEATURE
Surge overload rating:200A peak High case dielectric strength
KBPC 10
MECHANICAL DATA
Terminal: Plated leads solderable per MIL-STD 202E, method 208C Case: UL-94 Class V-0 recognized Flame Retardant Epoxy Polarity: Polarity symbol marked on body Mounting: Hole thru for # 6 screw Dimensions in inches and (millimeters)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
(single-phase, half -wave, 60HZ, resistive or inductive load rating at 25C, unless otherwise stated, for capacitive load, derate current by 20%)
SYMBOL
KBPC10 005 KBPC10 01 KBPC10 02 KBPC10 04 KBPC10 06 KBPC10 08 KBPC10 10
units
Maximum Recurrent Peak Reverse Voltage Maximum RMS Voltage Maximum DC blocking Voltage Maximum Average Forward Rectified Tc=50C Current at Ta Ta =100C Peak Forward Surge Current 8.3ms single Half sine-wave superimposed on rated load Maximum Instantaneous Forward Voltage at forward current 5.0A DC Maximum DC Reverse Current at rated DC blocking voltage Operating Temperature Range Ta =25C Ta =100C
Vrrm Vrms Vdc If(av)
50 35 50
100 70 100
200 140 200
400 280 400 10.0 6.0 200.0 1.1 10.0 200.0 -55 to +125 -55 to +150
600 420 600
800 560 800
1000 700 1000
V V V A A A V A A
Ifsm Vf Ir Tj Tstg
Storage and Operation Junction Temperature
C C
Rev.4
www.gulfsemi.com
RATINGS AND CHARACTERISTIC CURVES KBPC10005 THRU KBPC1010
1
1
Rev.4
www.gulfsemi.com


▲Up To Search▲   

 
Price & Availability of KBPC1010

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X